Part Number Hot Search : 
MCB15624 UM232E RM2E1 ISL6700 CCT6805 2N2905 RM78705 F300R
Product Description
Full Text Search
 

To Download SMCG24 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SMCG AND SMCJ5.0 THRU 170CA
SURFACE MOUNT TRANSZORBTM TRANSIENT VOLTAGE SUPPRESSOR
Stand-off Voltage - 5.0 - 170 Volts
DO-214AB
MODIFIED J-BEND
Peak Pulse Power - 1500 Watts
FEATURES
Plastic package has Underwriters Laboratory Flammability Classification 94V-0 For surface mounted applications in order to optimize board space Low profile package Built-in strain relief Glass passivated junction Low inductance 1500W peak pulse power capability with a 10/1000s waveform, repetition rate (duty cycle): 0.01% Excellent clamping capability Fast response time: typically less than 1.0ps from 0 Volts to V(BR) for uni-directional and 5.0ns for bi-directional types For devices with V(BR)10V, ID are typically less than 1.0A High temperature soldering guaranteed: 250C/10 seconds at terminals
0.126 (3.20) 0.114 (2.90)
0.245 (6.22) 0.220 (5.59)
0.280 (7.11) 0.260 (6.60) 0.012 (0.305) 0.006 (0.152)
0.103 (2.62) 0.079 (2.06)
0.060 (1.52) 0.030 (0.76) 0.320 (8.13) 0.305 (7.75)
0.008 (0.203) MAX.
DO-215AB
GULL WING
0.125 (3.17) 0.115 (2.92)
0.245 (6.22) 0.130 (5.72)
MECHANICAL DATA
Case: JEDEC DO214AB / DO215AB molded plastic over passivated junction Terminals: Solder plated, solderable per MIL-STD-750, Method 2026 Polarity: For unidirectional types the color band denotes the cathode, which is postitive with respect to the anode under normal TVS operation Mounting Position: Any Weight: 0.007 ounces, 0.21 gram
0.280 (7.11) 0.260 (6.60)
0.016 (0.41) 0.006 (0.15) 0.020 (0.51) MAX. 0.058 (1.47) 0.038 (0.97) 0.400 (10.16) 0.380 (9.64) 0.032 (8.10) 0.024 (6.10)
0.095 (2.41) 0.075 (1.90)
0.008 (0.20) 0.004 (0.10)
SEATING PLANE
Dimensions in inches and (millimeters)
DEVICES FOR BI-DIRECTIONAL APPLICATIONS
For bi-directional use add suffix C or CA for types SMC-5.0 thru SMC-170 (e.g. SMCG5.0C, SMCJ170CA). Electrical characteristics apply in both directions.
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25C ambient temperature unless otherwise specified.
SYMBOLS
VALUE
UNITS
Peak pulse power dissipation with a 10/1000s waveform (NOTES 1, 2, FIG. 1) Peak pulse current with a 10/1000s waveform (NOTE 1, FIG. 3) Peak forward surge current 8.3ms single half sine-wave superimposed on rated load (JEDEC Method) (NOTES 2, 3) - uni-directional only Maximum instantaneous forward voltage at 100A (NOTE 3) uni-directional only Operating junction and storage temperature range
NOTES: (1) Non-repetitive current pulse, per Fig.3 and derated above TA=25C per Fig. 2 (2) Mounted on 0.31 x 0.31" (8.0 x 8.0mm) copper pads to each terminal (3) Measured on 8.3ms single half sine-wave. For uni-directional devices only.
PPPM IPPM IFSM VF TJ, TSTG
Minimum 1500
SEE TABLE 1
Watts Amps Amps Volts C
200.0 3.5 -55 to +150
1/25/99
ELECTRICAL CHARACTERISTICS at (TA=25C unless otherwise noted) TABLE 1
Device Type Gull Wing Lead SMCG5.0 SMCG5.0A SMCG6.0 SMCG6.0A SMCG6.5 SMCG6.0A SMCG7.0 SMCG7.0A SMCG7.5 SMCG7.5A SMCG8.0 SMCG8.0A SMCG8.5 SMCG8.5A SMCG9.0 SMCG9.0A SMCG10 SMCG10A SMCG11 SMCG11A SMCG12 SMCG12A SMCG13 SMCG13A SMCG14 SMCG14A SMCG15 SMCG15A SMCG16 SMCG16A SMCG17 SMCG17A SMCG18 SMCG18A SMCG20 SMCG20A SMCG22 SMCG22A SMCG24 SMCG24A SMCG26 SMCG26A SMCG28 SMCG28A SMCG30 SMCG30A SMCG33 SMCG33A SMCG36 SMCG36A SMCG40 SMCG40A SMCG43 SMCG43A SMCG45 SMCG45A SMCG48 SMCG48A SMCG51 SMCG51A Device Type Modified "J" Bend Lead SMCJ5.0 SMCJ5.0 SMCJ6.0 SMCJ6.0A SMCJ6.5 SMCJ6.5A SMCJ7.0 SMCJ7.0A SMCJ7.5 SMCJ7.5A SMCJ8.0 SMCJ8.0A SMCJ8.5 SMCJ8.5A SMCJ9.0 SMCJ9.0A SMCJ10 SMCJ10A SMCJ11 SMCJ11A SMCJ12 SMCJ12A SMCJ13 SMCJ13A SMCJ14 SMCJ14A SMCJ15 SMCJ15A SMCJ16 SMCJ16A SMCJ17 SMCJ17A SMCJ18 SMCJ18A SMCJ20 SMCJ20A SMCJ22 SMCJ22A SMCJ24 SMCJ24A SMCJ26 SMCJ26A SMCJ28 SMCJ28A SMCJ30 SMCJ30A SMCJ33 SMCJ33A SMCJ36 SMCJ36A SMCJ40 SMCJ40A SMCJ43 SMCJ43A SMCJ45 SMCJ45A SMCJ48 SMCJ48A SMCJ51 SMCJ51A Device Marking Code UNI BI GDD GDE GDF GDG GDH GDK GDL GDM GDN GDP GDQ GDR GDS GDT GDU GDV GDW GDX GDY GDZ GED GEE GEF GEG GEH GEK GEL GEM GEN GEP GEQ GER GES GET GEU GEV GEW GEX GEY GEZ GFD GFE GFF GFG GFH GFK GFL GFM GFN GFP GFQ GFR GFS GFT GFU GFV GFW GFX GFY GFZ GDD GDE GDF GDG BDH BDK GDL GDM BDN BDP BDG BDR BDS BDT BDU BDV BDW BDX GDY GDZ BED BEE GEF GEG BEH BEK BEL BEM GEN GEP GEQ GER BES BET BEU BEV BEW BEX BEY BEZ BFD BFE BFF BFG BFH BFK BFL BFM BFN BFP BFQ BFR BFS BFT GFU GFV GFW GFX GFY GFZ Breakdown Voltage V(BR)(Volts)
(NOTE 1)
(MIN / MAX) 6.40 / 7.82 6.40 / 7.07 6.67 / 8.15 6.67 / 7.37 7.22 / 8.82 7.22 / 7.98 7.78 / 9.51 7.78 / 8.60 8.33 / 10.2 8.33 / 9.21 8.89 / 10.9 8.89 / 9.83 9.44 / 11.5 9.44 / 10.4 10.0 / 12.2 10.0 / 11.1 11.1 / 13.6 11.1 / 12.3 12.2 / 14.9 12.2 / 13.5 13.3 / 16.3 13.3 / 14.7 14.4 / 17.6 14.4 / 15.9 15.6 / 19.1 15.6 / 17.2 16.7 / 20.4 16.7 / 18.5 17.8 / 21.8 17.8 / 19.7 18.9 / 23.1 18.9 / 20.9 20.0 / 24.4 20.0 / 22.1 22.2 / 27.1 22.2 / 24.5 24.4 / 29.8 24,4 / 26.9 26.7 / 32.6 26.7 / 29.5 28.9 / 35.3 28.9 / 31.9 31.1 / 38.0 31.1 / 34.4 33.3 / 40.7 33.3 / 36.8 36.7 / 44.9 36.7 / 40.6 40.0 / 48.9 40.0 / 44.2 44.4 / 54.3 44.4 / 49.1 47.8 / 58.4 47.8 / 52.8 50.0 / 61.1 50.0 / 55.3 53.3 / 65.1 53.3 / 58.9 56.7 / 69.3 56.7 / 62.7
Test Current at IT (mA) 10.0 10.0 10.0 10.0 10.0 10.0 10.0 10.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0
Stand-off Voltage VWM (Volts) 5.0 5.0 6.0 6.0 6.5 6.5 7.0 7.0 7.5 7.5 8.0 8.0 8.5 8.5 9.0 9.0 10.0 10.0 11.0 11.0 12.0 12.0 13.0 13.0 14.0 14.0 15.0 15.0 16.0 16.0 17.0 17.0 18.0 18.0 20.0 20.0 22.0 22.0 24.0 24.0 26.0 26.0 28.0 28.0 30.0 30.0 33.0 33.0 36.0 36.0 40.0 40.0 43.0 43.0 45.0 45.0 48.0 48.0 51.0 51.0
Maximum Reverse Leakage at VWM (NOTE 3) ID (A) 1000 1000 1000 1000 500 500 200 200 100 100 50 50 20 20 10 10 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0
Maximum Peak Pulse Surge Current IPPM (NOTE 2) (Amps) 156.3 163.0 131.6 145.6 122.0 133.9 112.8 125.0 104.9 116.3 100.0 110.3 94.3 104.2 88.8 97.4 79.8 88.2 74.6 82.4 68.2 75.4 63.0 69.8 58.1 64.7 55.8 61.5 52.1 57.7 49.2 54.3 46.6 51.4 41.9 46.3 38.1 42.3 34.9 38.6 32.2 35.6 30.0 33.0 28.0 31.0 25.4 28.1 23.3 25.8 21.0 23.3 19.6 21.6 18.7 20.6 17.5 19.4 16.5 18.2
Maximum Clamping Voltage at IPPM VC (Volts) 9.6 9.2 11.4 10.3 12.3 11.2 13.3 12.0 14.3 12.9 15.0 13.6 15.9 14.4 16.9 15.4 18.8 17.0 20.1 18.2 22.0 19.9 23.8 21.5 25.8 23.2 26.9 24.4 28.8 26.0 30.5 27.6 32.2 29.2 35.8 32.4 39.4 35.5 43.0 38.9 46.6 42.1 50.0 45.4 53.5 48.4 59.0 53.3 64.3 58.1 71.4 64.5 76.7 69.4 80.3 72.7 85.5 77.4 91.1 82.4
ELECTRICAL CHARACTERISTICS at (TA=25C unless otherwise noted) TABLE 1 (Cont'd)
Device Type Gull Wing Lead SMCG54 SMCG54A SMCG58 SMCG58A SMCG60 SMCG60A SMCG64 SMCG64A SMCG70 SMCG70A SMCG75 SMCG75A SMCG78 SMCG78A SMCG85 SMCG85A SMCG90 SMCG90A SMCG100 SMCG100A SMCG110 SMCG110A SMCG120 SMCG120A SMCG130 SMCG130A SMCG150 SMCG150A SMCG160 SMCG160A SMCG170 SMCG170A Device Type Modified "J" Bend Lead SMCJ54 SMCJ54A SMCJ58 SMCJ58A SMCJ60 SMCJ60A SMCJ64 SMCJ64A SMCJ70 SMCJ70A SMCJ75 SMCJ75A SMCJ78 SMCJ78A SMCJ85 SMCJ85A SMCJ90 SMCJ90A SMCJ100 SMCJ100A SMCJ110 SMCJ110A SMCJ120 SMCJ120A SMCJ130 SMCJ130A SMCJ150 SMCJ150A SMCJ160 SMCJ160A SMCJ170 SMCJ170A Device Marking Code UNI BI GGD GGE GGF GGG GGH GGK GGL GGM GGN GGP GGQ GGR GGS GGT GGU GGV GGW GGX GGY GGZ GHD GHE GHF GHG GHH GHK GHL GHM GHN GHP GHQ GHR GGD GGE GGF GGG GGH GGK GGL GGM GGN GGP GGQ GGR GGS GGT GGU GGV GGW GGX GGY GGZ GHD GHE GHF GHG GHH GHK GHL GHM GHN GHP GHQ GHR Breakdown Voltage V(BR)(Volts)
(NOTE 1)
(MIN / MAX) 60.0 / 73.3 60.0 / 66.3 64.4 / 78.7 6.4.4 / 71.2 66.7 / 81.5 66.7 / 73.7 71.1 / 86.9 71.1 / 78.6 77.8 / 95.1 77.8 / 86.0 83.3 / 102 83.3 / 92.1 86.7 / 106 86.7 / 95.8 94.4 / 115 94.4 / 104 100 / 122 100 / 111 111 / 136 111 / 123 122 / 149 122 / 135 133 / 163 133 / 147 144 / 176 144 / 159 16.7 / 204 167 / 185 178 / 218 178 / 197 189 / 231 189 / 209
Test Current at IT (mA) 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0
Stand-off Voltage VWM (Volts) 54.0 54.0 58 58 60 60 64 64 70 70 75 75 78 78 85 85 90 90 100 100 110 110 120 120 130 130 150 150 160 160 170 170
Maximum Reverse Leakage at VWM (NOTE 3) ID (A) 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0
Maximum Peak Pulse Surge Current IPPM (NOTE 2) (Amps) 15.6 17.2 14.6 16.0 14.0 15.5 13.2 14.6 12.0 13.3 11.2 12.4 10.8 11.9 9.9 10.9 9.4 10.3 8.4 9.3 7.7 8.5 7.0 7.8 6.5 7.2 5.6 6.2 5.2 5.8 4.9 5.5
Maximum Clamping Voltage at IPPM VC (Volts) 96.3 87.1 103 93 107 96 114 103 125 113 134 121 139 126 151 137 160 146 179 162 196 177 214 193 231 209 268 243 287 259 304 275
N0TES: (1) V(BR) measured after IT applied for 300s square wave pulse or equivalent (2) Surge current waveform per Fig. 3 and derate per Fig. 2 (3) For bi-directional types having VWM of 10 Volts and less, the ID limit is doubled (4) For the bi-directional SMCG/SMCJ5.0CA, the maximum V(BR) is 7.25 Volts (5) All terms and symbols are consistent with ANSI/IEEE C62.35
APPLICATION N0TES
These surface mountable packages are designed specifically for transient voltage suppression. The wide leads assure a large surface contact for good heat dissipation, and a low resistance path for surge current flow to ground. These high speed transient voltage suppressors can be used to effectively protect sensitive components such as integrated circuits and MOS devices. A 1500W (SMC) device is normally selected when the threat of transients is from lightning-induced transients conducted via external leads or I/0 lines. It is also used to protect against switching transients induced by large coils or industrial motors. System impedance at component level in a system is usually high enough to limit the current to within the peak pulse current (IPP) rating of this series.
RECOMMENDED PAD SIZES
The pad dimensions should be 0.010" (0.25mm) longer than the contact size, in the lead axis. This allows a solder fillet to form, see figure below. Contact factory for soldering methods.
GULL- WING
0.310" (7.87)
MODIFIED J-BEND
0.190" (4.83)
0.125" (3.17)
0.125" (3.17)
0.070" (1.78)
0.050" (1.27)
MAXIMUM RATINGS AND CHARACTERISTIC CURVES SMCG AND SMCJ5.0 THRU 170CA
FIG. 1 - PEAK PULSE POWER RATING CURVE
NON-REPETITIVE PULSE WAVEFORM SHOWN in FIG. 3 TA=25C
0.31 X 0.31" (8.0 X 8.0mm) COPPER PAD AREAS
td, PULSE WIDTH, sec.
PEAK PULSE POWER (PPP) or CURRENT (IPP) DERATING IN PERCENTAGE, %
FIG. 2 - PULSE DERATING CURVE
PPPM, PEAK PULSE POWER, kW
TA, AMBIENT TEMPERATURE, C
FIG. 3 - PULSE WAVEFORM IPPM PEAK PULSE CURRENT, % IRSM
TJ=25C PULSE WIDTH (td) is DEFINED as the POINT WHERE the PEAK CURRENT DECAYS to 50% of IPPM
FIG. 4 - TYPICAL JUNCTION CAPACITANCE UNI-DIRECTIONAL
tr=10sec. PEAK VALUE IPPM
MEASURED at ZERO BIAS
HALF VALUE - IPP 2 10/1000sec. WAVEFORM as DEFINED by R.E.A.
CJ, JUNCTION CAPACITANCE, pF
TJ=25C f=1.0 MHZ Vsig=50mVp-p VR, MEASURED at STAND-OFF VOLTAGE, VWM
td
t, TIME, ms
FIG. 5 - TYPICAL JUNCTION CAPACITANCE BI-DIRECTIONAL
TJ=25C f=1.0 MHZ Vsig=50mVp-p MEASURED at ZERO BIAS
VWM, REVERSE STAND-OFF VOLTAGE, VOLTS
FIG. 6 - MAXIMUM NON-REPETITIVE PEAK FORWARD SURGE CURRENT IFSM, PEAK FORWARD SURGE CURRENT, AMPERES
8.3ms SINGLE HALF SINE-WAVE (JEDEC Method) UNIDIRECTIONAL ONLY
CJ, CAPACITANCE, pF
MEASURED at STAND-OFF VOLTAGE, VWM
NUMBER OF CYCLES AT 60 HZ
VWM, STAND-OFF VOLTAGE, VOLTS
MAXIMUM RATINGS AND CHARACTERISTIC CURVES SMCG AND SMCJ5.0 THRU 170CA
FIG. 7 - MAXIMUM CONTINUOUS POWER DISSIPATION PM(AV), AVERAGE POWER DISSIPATION, WATTS
2.0
60 HZ RESISTIVE OR INDUCTIVE LOAD
1.5
1.0
0.5
0 25
50
75
100
125
150
175
TL, LEAD TEMPERATURE, C


▲Up To Search▲   

 
Price & Availability of SMCG24

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X